PART |
Description |
Maker |
AD9444 AD9444-CMOS/PCB AD9444-LVDS/PCB AD9444BSVZ- |
14-Bit, 80 MSPS, A/D Converter anyCAP® 100 mA Low Dropout Linear Regulator
|
Analog Devices, Inc.
|
LP2950ACN-3.3 LP2950 LP2950AS LP2951ACS-3.3 LP2951 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA Low Dropout Voltage Regulators
|
SIPEX[Sipex Corporation] http://
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
AMS1085 AMS1085CD AMS1085CD-15 AMS1085CD-25 AMS108 |
5.0V 3A low dropout voltage regulator 3.3V 3A low dropout voltage regulator 3.5V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
ADP3309ART-3-REEL ADP3309ART-3-REEL7 ADP3309ART-3. |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Analog IC anyCAP® 100 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator
|
TE Connectivity, Ltd. Analog Devices
|
AMC2951 AMC2950 |
100 MA LOW DROPOUT VOLTAGE REGULATOR
|
ADD Microtech Corp ETC[ETC] List of Unclassifed Manufacturers
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MIC39102YM MIC39100-1.8WS MIC39101-5.0YM MIC39101- |
1A Low-Voltage Low-Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PDSO8 1.8 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PDSO4 1.8 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PDSO8 IC REG LDO 1A 5.0V 8SOIC
|
Micrel Semiconductor MICREL INC
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|